Part Number Hot Search : 
L6926Q1 1205D FX365A MPSH17 LTC1060S PE83511 5AT0W 2SK2613
Product Description
Full Text Search
 

To Download BPW20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BPW20R
Vishay Telefunken
Silicon PN Photodiode
Description
BPW20R is a planar Silicon PN photodiode in a hermetically sealed short TO-5 case, especially designed for high precision linear applications. Due to its extremely high dark resistance, the short circuit photocurrent is linear over seven decades of illumination level. On the other hand, there is a strictly logarithmic correlation between open circuit voltage and illumination over the same range. Equipped with a clear, flat glass window, the spectral responsitivity reaches from blue to near infrared.
94 8482
Features
D D D D D D
Hermetically sealed TO-5 case Flat glass window Cathode connected to case Wide viewing angle = 50 Large radiant sensitive area (A=7.5 mm2) Suitable for visible and near infrared radiation
D D D D D D
High sensitivity UV enhanced Low dark current High shunt resistance Excellent linearity For photodiode and photovoltaic cell operation
Applications
Sensor for light measuring techniques in cameras, photometers, color analyzers, exposure meters (e.g. solariums) and other medical and industrial measuring and control applications.
Absolute Maximum Ratings
Tamb = 25_C Parameter Reverse Voltage Power Dissipation Junction Temperature Operating Temperature Range Storage Temperature Range Soldering Temperature Thermal Resistance Junction/Ambient Test Conditions Tamb Symbol VR PV Tj Tamb Tstg Tsd RthJA Value 10 300 125 -55...+125 -55...+125 260 250 Unit V mW C C C C K/W
x 50 C
t
x5s
Document Number 81517 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BPW20R
Vishay Telefunken Basic Characteristics
Tamb = 25_C Parameter Forward Voltage Breakdown Voltage Reverse Dark Current Diode Capacitance Dark Resistance Open Circuit Voltage Temp. Coefficient of Vo Short Circuit Current Temp. Coefficient of Ik Reverse Light Current g Test Conditions IF = 50 mA IR = 20 mA, E = 0 VR = 5 V, E = 0 VR = 0 V, f = 1 MHz, E = 0 VR = 5 V, f = 1 MHz, E = 0 VR = 10 mV EA = 1 klx EA = 1 klx EA = 1 klx EA = 1 klx EA = 1 klx, VR = 5 V Ee = 1 mW/cm2, l = 950 nm, VR = 5 V Symbol VF V(BR) Iro CD CD RD Vo TKVo Ik TKIk Ira Ira Min 10 2 1.2 400 38 500 -2 60 0.1 60 42 50 920 550...1040 3.4 3.7 30 Typ 1.0 Max 1.3 Unit V V nA nF pF GW mV mV/K
330 20 20
mA mA mA
%/K
Angle of Half Sensitivity Wavelength of Peak Sensitivity Range of Spectral Bandwidth Rise Time VR = 0 V, RL = 1k W, l = 820 nm Fall Time VR = 0 V, RL = 1k W, l = 820 nm
lp l0.5
tr tf
deg nm nm
ms ms
Typical Characteristics (Tamb = 25_C unless otherwise specified)
104 I ra rel - Relative Reverse Light Current I ro - Reverse Dark Current ( nA ) 1.3 1.2
103
1.1
l=950nm
VR=5V
102 VR=5V 101
1.0
0.9 0.8
100 20
94 8468
40
60
80
100
120
94 8469
0
20
40
60
80
100
120
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 1. Reverse Dark Current vs. Ambient Temperature
Figure 2. Relative Reverse Light Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 81517 Rev. 2, 20-May-99
BPW20R
Vishay Telefunken
102 Ik - Short Circuit Current ( m A ) 101 100 10-1 10-2 10-3 10-4 10-2
94 8470
1400 CD - Diode Capacitance ( pF ) 1200 1000 800 600 400 200 0 10-1 100 101 102 103 104
94 8473
E=0 f=1MHz
0.1
1
10
100
EA - Illuminance ( lx )
VR - Reverse Voltage ( V )
Figure 3. Short Circuit Current vs. Illuminance
100 Ira - Reverse Light Current ( m A )
Figure 6. Diode Capacitance vs. Reverse Voltage
S ( l ) rel - Relative Spectral Sensitivity
1.0 0.8 0.6 0.4 0.2 0 350
10
VR=5V l=950nm 1
0.1 0.01
94 8471
0.1
1
10
94 8474
550
750
950
1150
Ee - Irradiance ( mW / cm2 )
l - Wavelength ( nm )
Figure 4. Reverse Light Current vs. Irradiance
100 Ira - Reverse Light Current ( m A )
Figure 7. Relative Spectral Sensitivity vs. Wavelength
0 10 20 30
0.5 mW/cm2 10 0.2 mW/cm2 0.1 mW/cm2 0.05 mW/cm2 1 0.1
l=950nm
S rel - Relative Sensitivity
1 mW/cm2
40 1.0 0.9 0.8 0.7 50 60 70 80
1
10
100
94 8475
0.6
0.4
0.2
0
0.2
0.4
0.6
94 8472
VR - Reverse Voltage ( V )
Figure 5. Reverse Light Current vs. Reverse Voltage
Figure 8. Relative Radiant Sensitivity vs. Angular Displacement
Document Number 81517 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BPW20R
Vishay Telefunken Dimensions in mm
96 12181
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 81517 Rev. 2, 20-May-99
BPW20R
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 81517 Rev. 2, 20-May-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BPW20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X